Part Number Hot Search : 
EA09206 29F04 28C65 UZ4215 UCN5800 7C65630 NL1027 SKKH92
Product Description
Full Text Search
 

To Download BAV202-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav200...bav203 vishay telefunken 1 (4) rev. 4, 14-feb-01 www.vishay.com document number 85544 switching diode features  silicon epitaxial planar diodes applications general purposes 96 12009 order instruction type type differentiation ordering code remarks bav200 v rrm = 60 v bav200gs08 tape and reel bav201 v rrm = 120 v bav201gs08 tape and reel bav202 v rrm = 200 v bav202gs08 tape and reel bav203 v rrm = 250 v bav203gs08 tape and reel absolute maximum ratings t j = 25  c parameter test conditions type symbol value unit bav200 60 v peak reverse voltage bav201 v 120 v peak reverse voltage bav202 v rrm 200 v bav203 250 v bav200 50 v reverse voltage bav201 v 100 v reverse voltage bav202 v r 150 v bav203 200 v forward current i f 250 ma peak forward surge current t p =1s, t j =25  c i fsm 1 a forward peak current f=50hz i fm 625 ma junction temperature t j 175  c storage temperature range t stg 65...+175  c
bav200...bav203 vishay telefunken 2 (4) rev. 4, 14-feb-01 www.vishay.com document number 85544 maximum thermal resistance t j = 25  c parameter test conditions symbol value unit junction ambient on pc board 50 mmx50 mmx1.6 mm r thja 500 k/w electrical characteristics t j = 25  c parameter test conditions type symbol min typ max unit forward voltage i f =100ma v f 1 v v r =50 v bav200 i r 100 na v r =100 v bav201 i r 100 na v r =150 v bav202 i r 100 na reverse current v r =200 v bav203 i r 100 na reverse current t j =100  c, v r = 50 v bav200 i r 15  a t j =100  c, v r = 100 v bav201 i r 15  a t j =100  c, v r = 150 v bav202 i r 15  a t j =100  c, v r = 200 v bav203 i r 15  a bav200 v (br) 60 v breakdown voltage i =100  at /t=0 01 t =0 3ms bav201 v (br) 120 v breakdown voltage i r = 100  a , t p /t = 0 . 01 , t p = 0 . 3ms bav202 v (br) 200 v bav203 v (br) 250 v diode capacitance v r =0, f=1mhz c d 1.5 pf differential forward resistance i f =10ma r f 5  reverse recovery time i f =i r =30ma, i r =3ma, r l =100  t rr 50 ns characteristics (t j = 25  c unless otherwise specified)  0 40 80 120 160 0.01 0.1 1 10 1000 i reverse current ( a ) r t j junction temperature ( c ) 200 94 9084 100 scattering limit v r =v rrm figure 1. reverse current vs. junction temperature 0 0.4 0.8 1.2 1.6 0.1 1 10 100 1000 i forward current ( ma ) f v f forward voltage ( v ) 2.0 94 9085 scattering limit t j =25 c figure 2. forward current vs. forward voltage
bav200...bav203 vishay telefunken 3 (4) rev. 4, 14-feb-01 www.vishay.com document number 85544 0.1 1 10 1 10 100 1000 r differential forward resistance ( ) f i f forward current ( ma ) 100 94 9089  t j =25 c figure 3. differential forward resistance vs. forward current dimensions in mm 96 12071
bav200...bav203 vishay telefunken 4 (4) rev. 4, 14-feb-01 www.vishay.com document number 85544 ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( odss ). the montreal protocol ( 1987 ) and its london amendments ( 1990 ) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2 . class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency ( epa ) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c ( transitional substances ) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay-telefunken products for any unintended or unauthorized application, the buyer shall indemnify vishay-telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 ( 0 ) 7131 67 2831, fax number: 49 ( 0 ) 7131 67 2423


▲Up To Search▲   

 
Price & Availability of BAV202-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X